Part Number Hot Search : 
MUR640CT D3FS4A10 15N12 2SC147 G646XB 3DLABS SR804 SBP1035T
Product Description
Full Text Search
 

To Download PN65K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description PN65K combines in a single package a near field communication (nfc) controller pn531 and a secure smart card controller. they are tied together by the means of external connections for the s 2 c interface and the pn531 is supplying the smart card controller by the means of a speci?c internal regulator. the embedded pn531 ?rmware drives the supply to the smart mx device when required in order to optimize the overall current consumption of the smartconnect device. the PN65K can behave as an nfc initiator, working in active or passive mode and when operating in passive mode it can operate as a reader/writer for mifare or felica contactless smart cards. the peer to peer functionality is also supported in both active and passive modes. the PN65K can also operate as a card mode and specially when the combined smart mx device is enabled it can operate as a pure mifare card or as a fully compliant iso14443a 3&4 contactless smart card. 1.1 naming conventions PN65K near field communication (nfc) smartconnect module in a single package rev. 1.3 20 october 2006 objective short data sheet p65xyy(y)z smartconnect module pn65 smartconnect module based on the smard card ic p5cnaabb plus nfc ic x de?nes the nfc ic pn5xx, e.g. a for pn511, b for pn512, k for pn531, l for pn532 yy(y ) package type: hn for hvqfn z optional parameter for discrete components in the integrated in the mcm or version identi?cation example: PN65Khn1 k: module with pn531, hn: hvqfn package, 1: pure mcm version free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 2 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 2. features 2.1 general n smartconnect module integrating nfc controller pn531 device and smart mx (p5cn072) secure smart card controller in a single package. n single package solution for size optimization; needs external antenna matching circuitry, uncoupling capacitors and crystal oscillator. n fully nfc ip-1 (iso18092) compliant 2.2 nfc controller n 80c51 microcontroller core with 32 kbyte rom and 1 kbyte ram n highly integrated analog circuitry to demodulate and decode responses n buffered output drivers to connect an antenna with minimum number of external components n integrated rf level detector n integrated data mode detector n supports iso 14443a/mifare n typical operating distance in reader/writer mode for communication to a iso 14443a/mifare or felica card up to 50 mm depending on the antenna size and tuning n typical operating distance in nfcip-1 mode up to 50 mm depending on the antenna size and tuning and power supply n typical operating distance in iso 14443a/mifare card or felica card interface mode of about 100 mm depending on the antenna size and tuning and the external ?eld strength n supports mifare classic encryption in reader/writer mode and mifare higher transfer speed communication at 212 kbit/s and 424 kbit/s n supports contactless communication according to the felica scheme at 212 kbaud and 424 kbaud n integrated rf interface for nfcip-1 up to 424 kbaud n possibility to communicate on the rf interface above 424 kbaud using external analog circuitry n supported host interfaces u spi interface u i 2 c interface u high speed serial uart (similar to rs232 with 0 and pvdd voltage levels) n flexible interrupt using irq pin n hard reset with low power function n power-down mode per embedded ?rmware n programmable timer n internal oscillator to connect 27.12 mhz crystal n 3.3 v power supply when not usb bus powered n power switch for external secure component n speci?c io ports for external devices control free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 3 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 2.3 secure smart card controller the device used in this module is the p5cn072 secure dual interface pki smart card controller which has the following features: n 72 kbytes eeprom n 160 kbytes user rom n 4608 bytes ram n pki (public key infrastructure) co-processor n dual triple des key co-processor n s 2 c interface to enable secure contact-less communication via nfc (near field communication) n eeprom data retention time: 20 years minimum the p5cn072 is a secure dual interface pki smart card controller of the smart mx platform featuring 160 kbytes of user rom, 4608 bytes of ram and 72 kbytes of eeprom which can be used as data memory or as program memory.the non-volatile memory consists of high reliability memory cells to guaranty data integrity which is important especially when eeprom memory is used as program memory. operated both in contact mode (iso iec 7816) or s 2 c mode, the user de?nes the ?nal function of the chip with his chip operating system (cos). this allows the same level of security, functionality and ?exibility for the contact interface as well for the s 2 c interface. the s 2 c technology provides reliable digital communication to the pn531 nfc device to enable secure contactless communication for nfc enabled devices. the s 2 c interface is connected internally to the internal iso 14443 ciu. the ciu handles the modulation and demodulation of the s 2 c signals so that a full contact-less communication should be enabled using this interface. the supply vdd is provided by the pn531 voltage regulator. the p5cn072 offers the same features of contact and contact-less mode handling as the other members of the smart mx family. connected via the s 2 c interface to the pn531 nfc controller, p5cn072 is compatible with mifare reader infrastructure and the optional free of charge emulation mode of mifare 1k and mifare 4k enable fast system integration and backward compatibility of standard mifare and prox family based cards. the communication on the s 2 c interface support iso iec 14443a-3 and iso iec 14443a-4 parts. the on chip hardware is software controlled through special function registers (sfrs). their function and usage is described in the p5cn072 data sheet. the p5cn072 is powered by the pn531 device. free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 4 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 3. applications n mobile phones n portable equipments (personal digital assistants, notebooks) n accessories (keyfobs, memory cards) n consumer devices 4. quick reference data [1] dv dd , av dd and tv dd shall always be at the same supply voltage. table 1: quick reference data symbol parameter conditions min typ max unit v bus supply voltage (non usb mode) v bus =d vdd v ss =0v 2.5 3.3 3.6 v tv dd , av dd , dv dd supply voltage tv dd =av dd =dv dd v ss =0v [1] 2.5 3.3 3.6 v pv dd supply voltage for host interface v ss = 0 v 1.6 3.6 v sv dd supply voltage for sam interface v ss =0v(sv dd switch enabled) 2.4 3.6 v ih pd hard power down current (not powered from usb) av dd =dv dd = tv dd =pv dd =3v, rf level detector off 10 m a is pd soft power down current (not powered from usb) av dd =dv dd = tv dd =pv dd =3v, rf level detector on 30 m a idv dd digital supply current av dd =dv dd = tv dd =pv dd =3v,r f level detector on, svdd switch off [1] 15 ma isv dd sv dd supply current sv dd = 3 v, sv dd switch on 30 ma iav dd analog supply current av dd =dv dd = tv dd =pv dd =3v, rf level detector on 6ma itv dd transmitter supply current during rf transmission, tv dd =3v 60 100 ma p tot continuous total power dissipation in non usb mode t amb = -30 to +85 c 0.15 w t amb operating ambient temperature -30 +85 c free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 5 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 5. ordering information 6. block diagram table 2: ordering information type number package name description version PN65Khn1/c2xxyyy hvqfn48 plastic thermal enhanced very thin package quad ?at package; no leads 48 terminals; 7 7 0.85 mm sot619 fig 1. block diagram of PN65K free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 6 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 7. pinning information 7.1 pinning 7.2 pin description fig 2. pin con?guration for hvqfn 48 (sot619) nc 0 sigin_ smx gnd tgnd1 tx1 tvdd tx2 tgnd2 io1 sigout_ smx io2 avdd 2 11 10 9 8 7 6 5 4 3 12 1 23 15 16 17 18 19 20 21 22 13 24 14 35 26 27 28 29 30 31 32 33 34 25 36 38 46 45 44 43 42 41 40 39 48 37 47 vddsc nss mosi miso sck pvdd p33 p32 rstpd dvdd vss vbus p35 nc1 testen i1 i0 xtal2 xtal1 aux2 aux1 agnd rx vmid rstout ir q nc2 p3 0 p3 1 rst_n svdd2 svdd1 sigin clk sigout p3 4 PN65K table 3: pin description symbol pin type pad ref voltage description vddsc 1 pwr smart mx supply; to be connected to pins svdd1 and svdd2 nss 2 io pvdd not slave select. in test mode this signal is used as input and output test signal. mosi 3 io pvdd master out slave in. in test mode this signal is used as input and output test signal miso 4 io pvdd master in slave out. in test mode this signal is used as input and output test signal sck 5 io pvdd serial interface clock. in test mode this signal is used as input and output test signal pvdd 6 pwr pad power supply free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 7 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package p33 7 io pvdd general purpose io signal. can be used to generate an hz state on the output of the selected interface for the host communication and to enter pn531 into power-down mode without resetting the internal state of pn531. in test mode this signal is used as input and output test signal. p32 8 io pvdd general purpose io signal. can also be used as an interrupt source in test mode this signal is used as input and output test signal. rstpd 9 i pvdd reset and power down: when high, internal current sources are switched off, the oscillator is inhibited, and the input pads are disconnected from the outside world. with a positive edge on this pin the internal reset phase starts. dvdd 10 pwr digital power supply vss 11 pwr ground for smart mx vbus 12 pwr dvdd supply voltage nc0 13 do not connect sigin_smx 14 io vddsc s 2 c signal to pn531 gnd 15 pwr ground tgnd1 16 pwr transmitter ground tx1 17 o tvdd transmitter 1: delivers the modulated 13.56 mhz energy carrier tvdd 18 pwr transmitter supply voltage; supply the output stage of tx1 tx2 tx2 19 o tvdd transmitter 2: delivers the modulated 13.56 mhz energy carrier tgnd2 20 pwr transmitter ground io1 21 io vddsc smart mx : input/output 1 for serial data sigout_smx 22 i vddsc s 2 c signal from the pn531 io2 23 io vddsc smart mx : input/output 2for serial data avdd 24 pwr analog power supply vmid 25 pwr avdd internal reference voltage: this pin delivers the internal reference voltage. rx 26 i avdd receiver input: input pin for the reception signal, which is the load modulated 13.56 mhz energy carrier from the antenna circuit. agnd 27 pwr analog ground aux1 28 o dvdd auxiliary output: this pin delivers analog and digital test signals. aux2 29 o dvdd auxiliary output: this pin delivers analog and digital test signals. xtal1 30 i avdd crystal oscillator input: input to the inverting ampli?er of the oscillator.this pin is also the input for an externally generated clock (f osc = 27.12 mhz). xtal2 31 o avdd crystal oscillator output: output of the inverting ampli?er of the oscillator. i0 32 i dvdd interface mode lines: selects the used host interface. in test mode i0 is used as test signals. i1 33 i dvdd interface mode lines: selects the used host interface. in test mode i0 is used as test signals. testen 34 i dvdd test enable pin: when set to 1 enable the test mode. when set to 0 reset the tcb and disable the access to the test mode. nc1 35 do not connect p35 36 io dvdd general purpose io signal. table 3: pin description continued symbol pin type pad ref voltage description free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 8 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package p34 37 io svdd general purpose io signal. sigout 38 o svdd contactless communication interface output: delivers a serial data stream according to nfcip-1 and output signal for the sam. in test mode this signal is used as test signal output. clk 39 i vddsc smx clock input sigin 40 i svdd contactless communication interface input: accepts a digital, serial data stream according to nfcip-1 and input signal from the sam. in test mode this signal is used as test signal input. svdd1 41 pwr output power for smart mx power supply. switched on by firmware with an overload detection. used as a reference voltage for sam communication. svdd2 42 pwr output power for smart mx power supply. switched on by firmware with an overload detection. used as a reference voltage for sam communication. rstn 43 i vddsc smart mx reset input; active low p31 44 io pvdd general purpose io signal.can be con?gured to act either as tx line of the second serial interface or general purpose io. in test mode this signal is used as input and output test signal. p30 45 io pvdd general purpose io signal.can be con?gured to act either as tx line of the second serial interface or general purpose io. in test mode this signal is used as input and output test signal. nc2 46 do not connect irq 47 o pvdd interrupt request: output to signal an interrupt event to the host (port 7 bit 0) rstout 48 io pvdd output reset signal. when low it indicates that the circuit is in reset state. table 3: pin description continued symbol pin type pad ref voltage description free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 9 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 8. limiting values 9. recommended operating conditions table 4: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to vss (ground = 0 v). symbol parameter conditions min max unit pv dd , sv dd , tv dd , av dd , dv dd , v bus supply voltage -0.5 +4.0 v v ddsc supply voltage -0.5 +6.0 v p tot total power dissipation per package (v bus and dv dd in short cut mode) - w i tx1 maximum current in transmitter tx1 -100 100 ma i tx2 maximum current in transmitter tx2 -100 100 ma t stg storage temperature range -55 150 c t j junction temperature range 100 c v esd electrostatic discharge voltage on all pins 2.0 kv esdh esd susceptibility (human body model) 1500 w m, 100pf; jesd22-a114-b 2kv esdm esd susceptibility (machine model) 0.75 mh, 200 pf; jesd22-a114-a 200 v table 5: operating conditions symbol parameter conditions min typ max unit tv dd, av dd , dv dd , v bus supply voltage tv dd =av dd =dv dd v ss =0v 2.5 3.3 3.6 v pv dd supply voltage for host interface v ss = 0 v 1.6 1.8 to 3.3 3.6 v sv dd , v ddsc supply voltage for smart card device v ss =0v sam_switch_en set to 1 2.4 3.3 3.6 v t amb operating ambient temperature (iso 7816 or iso 14443 operation) -15 +25 +85 c free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 10 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 10. application information fig 3. application diagram of PN65K free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 11 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 11. package outline fig 4. package outline sot619-6 (hvqfn48) free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 12 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 12. references f or technical inf or mation see separ ate documents: ? data sheet p5cn072, secure dual interf ace pki smar t card controller , ? data sheet pn531_c2, near field comm unication controller , free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 13 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 13. revision history table 6. revision history document id release date data sheet status change notice supersedes 111113 20 october 2006 objective short data sheet revision 1.2 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? section 4 quic k ref erence data on page 4 : added new section ? section 11 p ac kage outline on page 11 : update of package drawing free datasheet http://
111113 ? nxp b.v. 2006. all rights reserved. objective short data sheet rev. 1.3 20 october 2006 14 of 15 nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package 14. legal information 14.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 14.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 14.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 14.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. mifare is a trademark of nxp b.v. (replace by text inset t001tma<1nn>) 15. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation. free datasheet http://
nxp semiconductors PN65K near field communication (nfc) smartconnect module in a single package ? nxp b.v. 2006. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 20 october 2006 document identifier: 111113 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 16. tables table 1: quick reference data. . . . . . . . . . . . . . . . . . . . . .4 table 2: ordering information . . . . . . . . . . . . . . . . . . . . .5 table 3: pin description . . . . . . . . . . . . . . . . . . . . . . . . . .6 table 4: limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . 9 table 5: operating conditions . . . . . . . . . . . . . . . . . . . . . 9 table 6. revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 17. figures fig 1. block diagram of PN65K . . . . . . . . . . . . . . . . . . . .5 fig 2. pin con?guration for hvqfn 48 (sot619) . . . . . .6 fig 3. application diagram of PN65K . . . . . . . . . . . . . . 10 fig 4. package outline sot619-6 (hvqfn48) . . . . . . . 11 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 1.1 naming conventions . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.1 general . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.2 nfc controller. . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.3 secure smart card controller . . . . . . . . . . . . . . 3 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 4 quick reference data . . . . . . . . . . . . . . . . . . . . . 4 5 ordering information . . . . . . . . . . . . . . . . . . . . . 5 6 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 6 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 9 9 recommended operating conditions. . . . . . . . 9 10 application information. . . . . . . . . . . . . . . . . . 10 11 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 12 references . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 14 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 14.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 14.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 15 contact information. . . . . . . . . . . . . . . . . . . . . 14 16 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 free datasheet http://


▲Up To Search▲   

 
Price & Availability of PN65K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X